Part Number Hot Search : 
4BC20 31818 74F154 MBRF20 30CPQ050 ASOV3S3 MC341 G2SB20
Product Description
Full Text Search
 

To Download S3391 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 f
Semiconductor
S339
Quad Voltage Comparator
Description
The S339 consists of four independent voltage comparators designed to operate from a single power supply over a wide voltage range.
Features
* * * * * * * * Single Supply Operation: 2V to 36V. Dual Supply Operation: 1V to 18V. Allow Comparison of Voltages Near Ground Potential. Low Current Drain 800uA Typ. Compatible with all Forms of Logic. Low Input Bias Current: 25nA Typ. Low Input Offset Current: 5nA Typ. Low Offset Voltage: 1mV Typ.
Applications
* Transducer amplifier * DC gain blocks * Conventional operational amplifiers
Ordering Information
Type NO. S339 Marking S339 Package Code SOP-14
Outline Dimensions
Block Diagram
unit : mm
A
KSI-K002-001
1
S339
Absolute maximum ratings
Characteristic
Supply voltage Differential input voltage Input voltage Power Dissipation Operating temperature Storage temperature
Symbol
VCC VIND VIN PD Topr Tstg
Ratings
36 or 18 36 -0.3 ~ +36 300 -40 ~ +85 -65 ~ 150
Unit
V V V mW
C C
Electrical Characteristics
(Unless otherwise specified. VCC = 5V and -40 C Ta +85 C)
Characteristic
Input Offset Voltage Input Offset Current Input Bias Current Input Common Mode Voltage Range Supply Current Large Signal Voltage Gain Output Voltage (`L' Level) Response Time Output Sink Current Output Leakage Current
Symbol
VIOS IIOS IIB VICR ICC AV VSAT tRES ISINK ILeak
Test Condition
VO = 1.4V, Rs = 0 VCC = 5V, RL = , All Channel VCC = 15V , RL = 15 K VIN+= 0V, VIN-= 1V ISINK 4mA VRC = 5V, RL = 5.1K
Min. Typ.
0 6 2
Max.
5
Unit
mV nA nA V mA V/mV mV uS mA nA
5
25 0.8 200 130 1.3 16 0.1
50
250 VCC -1.5 2 400 -
VO1.5V, VIN+ = 0V, VIN- = 1V
VO = 5V VIN+ = 1V, VIN- = 0V
KSI-K002-001
2
S339
Electrical Characteristic Curves
Fig. 1 VCC-ICC Fig. 2 VCC-IIB
Fig. 3 VOL-ISINK
Fig. 4 PD-Ta
Fig. 5 VIN,VOUT-trsp
Fig. 6 VIN,VOUT-trsp
KSI-K002-001
3
S339
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KSI-K002-001
4


▲Up To Search▲   

 
Price & Availability of S3391

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X